PART |
Description |
Maker |
LT1024MD LT1024AMD LT1024ACD LT1024 LT1024C LT1024 |
Dual,Matched,Picomapere,Microvolt Input,Low Noise Op Amp(双路,匹配型,微微安培,微伏输入,低噪声运算放大 DualMatched Picoampere Microvolt InputLow Noise Op Amp Dual, Matched Picoampere, Microvolt Input Low Noise Op Amp From old datasheet system Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp Dual /Matched Picoampere / Microvolt Input /Low Noise Op Amp
|
Linear Technology Corporation LINER[Linear Technology]
|
EL2228 |
Dual, Op Amp, 80MHz, AV=1, Low Noise 4.9nV/√Hz, 2.5-12VDC Dual Low Noise Amplifier
|
Intersil Corporation
|
OP-270A OP-270AJ8 OP-270E OP-270EJ8 OP-270G OP-270 |
From old datasheet system Dual/Quad Low Noise / Precision Operational Amplifiers Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 75 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 400 uV OFFSET-MAX, 6 MHz BAND WIDTH, CDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers DUAL OP-AMP, 250 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP8 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDIP14 Dual/Quad Low Noise, Precision Operational Amplifiers QUAD OP-AMP, 1000 uV OFFSET-MAX, 6 MHz BAND WIDTH, PDSO16 Dual/Quad Low Noise, Precision Operational Amplifiers 四低噪声,高精度运算放大
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
CMLT5078E CMLT5087E CMLT5088E |
SMD Small Signal Transistor Dual PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN & PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN Low Noise Amplifier ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
|
Central Semiconductor Corp
|
HIP6211 HIP6211-15UZ HIP6211-15VZ HIP6211-18UZ HIP |
Dual Low Noise LDO in 3mm×3mm MLF?/a> Dual Low Noise LDO in 3mm?3mm MLF??/a> Dual Low Noise LDO in 3mm隆驴3mm MLF垄芒 Dual Low Noise LDO in 3mm】3mm MLF⑩
|
List of Unclassifed Manufacturers ETC
|
AM27128A-20JC AM2764A-30DC AM27128ALE AM27128ALEB |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 8-Bit OTPROM Family 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C High Voltage 1.5A, 200kHz Step-Down Switching Regulators; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C High Voltage 3A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 MHz/650kHz Step-Up DC/DC Converter in SC70 and ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Precision, High Side Current Sense Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 500mA/50MHz Current Feedback Line Driver Amplifier; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 400MHz, 2500V/µs, 9mA Single/Dual Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Overvoltage Fault Protected CAN Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Single Resistor Gain Programmable, Precision Instrumentation Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 400MHz, 2500V/µs, 9mA Single/Dual Operational Amplifiers; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Overvoltage Fault Protected CAN Transceiver; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 500mA, 200MHz xDSL Line Driver Amplifier; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 3µA IQ, 20mA Low Dropout Linear Regulators; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 85°C 10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Slew Rate Controlled Ultralow Noise 1A Isolated DC/DC Transformer Driver; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single/Dual/Quad 220MHz, 1500V/µs Operational Amplifiers with Programmable Supply Current; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 60V Fault Protected RS485/RS422 Transceivers; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Precision, High Side Current Sense Amplifiers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8 EPROM x8存储 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision, High Side Current Sense Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C
|
Advanced Micro Devices 电流感应放大 Welwyn Components, Ltd. Amphenol, Corp. Honeywell International, Inc. Electronic Theatre Controls, Inc. Rochester Electronics, LLC Microchip Technology, Inc. Vicor, Corp. Peregrine Semiconductor, Corp. Glenair, Inc. Austin Semiconductor, Inc
|
OP270 OP-270 OP-270ARC_883 OP-270AZ OP-270EZ OP-27 |
DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER DUAL OP-AMP, 150 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER DUAL OP-AMP, 175 uV OFFSET-MAX, 5 MHz BAND WIDTH, CQCC20 18V; 25mA; dual very low-noise precision operational amplifier
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
MAX8530 MAX8531 MAX8530ETT MAX8531ETT MAX8530EBT M |
Dual Low-Dropout Linear Regulator with RESET-bar or Low-Noise Output in UCSP or QFN Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
2SC4092 2SC4092R4 2SC4092RD 2SC4092R5 2SC4092-T1 2 |
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT For amplify high frequency and low noise.
|
NEC Corp. NEC[NEC]
|
HA-5114/883 HA4-5114/883 HA-5114 |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers Quad, Low Noise, High Performance Uncompensated Operational Amplifier
|
Intersil Corporation
|
ADP221 ADP220 |
Dual, 200 <span style="text-transform: lowercase">m</span>A, Low Noise, High PSRR Voltage Regulator Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
|
Analog Devices
|
2SC3583 2SC3583R 2SC3583S 2SC3583R35 2SC3583R34 2S |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 BJT 双极型晶体管
|
NEC Corp. NEC, Corp.
|
|